Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT25P06G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTT25P06G-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT25P06G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTT25P06G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT25P06G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT25P06G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT25P06G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT25P06G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTT25P06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-595.E
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (Note 1)
BVDSS
ID=-250µA, VGS=0V
-60
V
Positive Temperature Coefficient
64
mV/°C
Drain-Source Leakage Current
IDSS
VGS=0V, VDS=−60V, TJ=25°C
-10
µA
VGS=0V, VDS=−60V, TJ=150°C
-100
Gate- Source Leakage Current
Forward
IGSS
VGS=+15V, VDS=0V
+100
nA
Reverse
VGS=-15V, VDS=0V
-100
nA
ON CHARACTERISTICS
(Note 1)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1.2
-2.4
V
Negative Threshold Temperature
Coefficient
6.2
mV/°C
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-12.5A
0.05 0.075
Ω
VGS=-10V, ID=-25A
0.055 0.082
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=-25V, f=1.0MHz
1650 2200
pF
Output Capacitance
COSS
140
250
pF
Reverse Transfer Capacitance
CRSS
125
180
pF
SWITCHING PARAMETERS
(Note 1, 2)
Total Gate Charge
QG
VGS=-10V, VDS=-48V, ID=-25A
155
200
nC
Gate to Source Charge
QGS
26
nC
Gate to Drain Charge
QGD
18
nC
Turn-ON Delay Time
tD(ON)
VDD=-30V, ID=-1A, VGS=-10V,
RG=9.1Ω
50
60
ns
Rise Time
tR
60
118
ns
Turn-OFF Delay Time
tD(OFF)
320
480
ns
Fall-Time
tF
100
160
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
(Note 1)
Drain-Source Diode Forward Voltage
VSD
IS=-25A, VGS=0V
-1.8
-2.5
V
IS=-25 A, VGS=0V, TJ=150°C
-1.4
Body Diode Reverse Recovery Time
tRR
IS=-25A, VGS=0V, dlS/dt=100A/µs
70
ns
Body Diode Reverse Recovery Charge
QRR
0.2
µC
Notes: 1. Indicates Pulse Test: Pulse Width≤300µs, Duty Cycle≤2%.
2. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com