Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT60N06L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT60N06L-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT60N06L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT60N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT60N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT60N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT60N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT60N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT60N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies UTT60N06L-TN3-R Datasheet HTML 7Page - Unisonic Technologies UTT60N06L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT60N06
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-575.D
N-CHANNEL ENHANCEMENT
MODE POWER MOSFET
DESCRIPTION
The UTC UTT60N06 is n-channel enhancement mode
power
field
effect
transistors
with
stable
off-state
characteristics, fast switching speed and low thermal
resistance.
usually
used
at
telecom
and
computer
applications.
FEATURES
* RDS(ON) < 18mΩ @VGS = 10 V
* Fast switching capability
* Avalanche energy Specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT60N06L-TA3-T
UTT60N06G-TA3-T
TO-220
G
D
S
Tube
UTT60N06L-TN3-R
UTT60N06G-TN3-R
TO-252
G
D
S
Tape Reel
UTT60N06L-TQ2-T
UTT60N06G-TQ2-T
TO-263
G
D
S
Tube
UTT60N06L-TQ2-R
UTT60N06G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UTT60N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT60N06L-TN3-R UTC-UTT60N06L-TN3-R Datasheet
366Kb / 8P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UTT60N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com