Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N10G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT30N10G-TN3-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N10G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT30N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT30N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT30N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT30N10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT30N10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT30N10G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTT30N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-661.F
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=100V, VGS=0V
1
µA
Gate- Source Leakage
Current
Forward
IGSS
VGS=+20V, VDS=0V
+100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=30A
39.5
52
mΩ
VGS=6V, ID=15A
39.2
72
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
2590
pF
Output Capacitance
COSS
144
pF
Reverse Transfer Capacitance
CRSS
105
pF
SWITCHING PARAMETERS
Turn-ON Time
tON
VDD=30V, ID=0.5A, VGS=10V,
RGS=25Ω
48
ns
Turn-ON Delay Time
tD(ON)
68
ns
Rise Time
tR
780
ns
Turn-OFF Delay Time
tD(OFF)
126
ns
Total Gate Charge at 10V
QG
VGS=10V, VDS=25V, ID=1.3A,
IG=100µA
75
nC
Gate to Source Charge
QGS
9
nC
Gate to Drain Charge
QGD
16
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
30
A
Maximum Body-Diode Pulsed Current
ISM
120
A
Drain-Source Diode Forward Voltage
VSD
ISD=30A
1.25
V
ISD=15A
1.0
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com