Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT25P06L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT25P06L-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT25P06L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT25P06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT25P06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT25P06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT25P06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT25P06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTT25P06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-595.E
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
Continuous
VGSS
±15
V
Non−Repetitive (tP≤10ms)
VGSM
±20
V
Drain Current
Continuous @ TA=25°C
ID
-27.5
A
Pulsed (tP≤10µs)
IDM
-80
A
Power Dissipation
@TA=25°C
TO-220/TO-220F
PD
2
W
TO-251/TO-252
1.25
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55~+175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When surface mounted to an FR4 board using 1" pad size (Cu Area 1.127 in
2).
3. When surface mounted to an FR4 board using the minimum recommended pad size (Cu Area 0.412 in
2).
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
θJA
62.5
°C/W
TO-251/TO-252
100
°C/W
Junction to Case
TO-220
θJC
1.2
°C/W
TO-220F
4.5
°C/W
TO-251/TO-252
2.5
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com