Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-2000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LVC-2000
Description  Fanless Vehicle PC with Intel짰Atom??E3845 Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVC-2000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LVC-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVC-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVC-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVC-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
connect@lannerinc.com

Preliminary Specifications
Dimensions (WxHxD)
198 x 52 x 165 mm
Processor
Intel Atom E3845 1.91 GHz processor
Chipset
N/A
System
Memory
Technology
DDR3L SO-DIMM x1
Max. Capacity
Up to 4GB
Storage
SATA/mSATA
SATA 2.0 x1 for internal 2.5” HDD x1, mSATA x1
Ethernet Controller
Intel i210-IT x1
Graphic Controller
Intel integrated GMA3650 graphic engine
Audio Controller
Realtek ALC886 HD codec
IO
LAN
GbE RJ45 x1
Display
DB15 x1 for VGA, HDMI x1
CAN Bus
Optional 1x CAN Bus supports J1939 & J1708
Serial I/O
DB9 Male x2 support RS-232/485 with RI/5V/12V
GPS/G-sensor
Ublox NEO-7N / ADXL 345
Digital I/O
4x DI 12V level
4x DO 12V level
2x DI (from MCU) 3.3V Level, 1x relay (2A, 12V/24V)
12VDC power output
USB 3.0
Type A x1, reserved 2 x USB 2.0 pin headerpin header
Power Input
3-pin terminal block (+, -, ignition)
Expansion
1x Full-size Mini-PCIe socket, 1x half-size Mini-PCIe socket
Others
External: 3x SMA antenna hole
Internal: 1x SIM card reader
Power Input
DC Input: 9~36V for +12V-level and +24V-level car battery
Ignition Control: Supports ignition on/off and delay power-on/off system, time
frame by software setting
AC Adapter
Ordering option
Hardware Monitor
Fintek F81865 integrated watchdog timer 1~255 level
OS Support
Windows 7/7 Embedded; Windows 8 Embedded, Linux kernel 2.6.X or later
Certifications
CE, FCC Class A, E13, RoHS
Compliance
Temperature: MIL-STD-810G, Method 500.5, 501.5, 502.5, 503.5
Vibration: MIL-STD-810G, Method 514.6, 516.6
Shock:MIL-STD-810G, Method 516.6
Operating Tem-
perature Range
Extended
With selected industrial components
-20~60°C/-4~140°F
Standard
With commercial components
-5~45°C / 23~113°F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com