Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3458G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3458G-AG6-R
Description  N-CHANNEL JUNCTIN SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3458G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3458G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UT3458G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UT3458G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UT3458G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3458
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-578.D
4.1A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT3458 is N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide the
customers with perfect RDS(ON) and low gate charge. This device can
be operated with 4.5V low gate voltage.
FEATURES
* VDS=60V
* ID =4.1A
* RDS(ON)<0.1Ω @ VGS=10V, ID=3.2A
RDS(ON)<0.128Ω @ VGS=4.5V, ID=2.8A
SYMBOL
SOT-26
1
2
3
4
5
6
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
4
5
6
UT3458G-AG6-R
SOT-26
D
D
G
S
D
D
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source
MARKING
34EUG
12 3
4
5
6


Similar Part No. - UT3458G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3458 UTC-UT3458 Datasheet
152Kb / 3P
4.1 A, 60 V (D-S) N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UT3458 VBSEMI-UT3458 Datasheet
406Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Unisonic Technologies
UT3458L-AG6-R UTC-UT3458L-AG6-R Datasheet
152Kb / 3P
4.1 A, 60 V (D-S) N-CHANNEL POWER MOSFET
More results

Similar Description - UT3458G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SK3666 UTC-2SK3666 Datasheet
150Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
UT75N03 UTC-UT75N03_15 Datasheet
197Kb / 3P
N-CHANNEL JUNCTIN SILICON FET
2N70K UTC-2N70K_15 Datasheet
283Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
2N50K-TA UTC-2N50K-TA Datasheet
208Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
3N70K-MK UTC-3N70K-MK Datasheet
212Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
4N60K-MT UTC-4N60K-MT Datasheet
241Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
11NM40 UTC-11NM40 Datasheet
229Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
13N50K UTC-13N50K Datasheet
208Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
UT4114 UTC-UT4114 Datasheet
179Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
4N70K-TA UTC-4N70K-TA Datasheet
271Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com