Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT12N10L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT12N10L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT12N10L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT12N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT12N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-508.f
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
12
A
Pulsed (Note 2)
IDM
44
A
Power Dissipation
SOT-223
PD
9
W/°C
TO-251/TO-252
36
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 2)
SOT-223
θJA
150
°C/W
TO-251/TO-252
50
Junction to Case
SOT-223
θJC
14
°C/W
TO-251/TO-252
3.5
Note: 1. θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal
reference is defined as the solder mounting surface of the drain pins.
θJC is guaranteed by design while θJA is determined by the user’s board design.
2. When mounted on a 1 in
2 pad of 2 oz copper.
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=100V, VGS=0V
1
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100 nA
Reverse
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
(Note 1)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=6A
150 180 mΩ
Forward Transconductance
gFS
VDS=10V, ID=6A
5
S
DYNAMIC PARAMETERS
(Note 2)
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
430 500
pF
Output Capacitance
COSS
90
pF
Reverse Transfer Capacitance
CRSS
20
pF
SWITCHING PARAMETERS
(Note 2)
Total Gate Charge
QG
VGS=10V, VDS=50V, ID=1.3A
8
16
nC
Gate to Source Charge
QGS
1.5
nC
Gate to Drain Charge
QGD
2
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=0.5A, VGS=10V,
RG=25Ω
12
24
ns
Rise Time
tR
174 185
ns
Turn-OFF Delay Time
tD(OFF)
132 145
ns
Fall-Time
tF
188 210
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
12
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS=12A, VGS=0V
1.2
V
Note: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com