Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT50N03L-TND-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT50N03L-TND-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT50N03L-TND-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT50N03L-TND-R Datasheet HTML 1Page - Unisonic Technologies UT50N03L-TND-R Datasheet HTML 2Page - Unisonic Technologies UT50N03L-TND-R Datasheet HTML 3Page - Unisonic Technologies UT50N03L-TND-R Datasheet HTML 4Page - Unisonic Technologies UT50N03L-TND-R Datasheet HTML 5Page - Unisonic Technologies UT50N03L-TND-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UT50N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-168.F
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
50
A
Pulsed Drain Current (Note 2)
IDM
180
A
Single Pulsed Avalanche Energy (Note 3)
EAS
45
mJ
Power Dissipation
PD
50
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L = 0.1mH, IAS = 30A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 3)
θJA
71.4
°C/W
Junction to Case
θJC
3.0
°C/W
Note: Surface-mounted on FR4 board using 1 sq in pad, 1 oz Cu



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com