Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2CP1013 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2CP1013
Description  Dual Directional 40 dB N Coupler From 500 MHz to 3 GHz Rated To 200 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1013 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2CP1013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1013 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
N Female
Connector 2
N Female
Coupled Connectors
SMA Female
Design
Dual Directional Coupler
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.5
3
GHz
Directivity
18
dB
Impedance
50
Ohms
Insertion Loss
0.35
dB
Input Power
200
Watts
Input VSWR
1.25:1
Coupling Value
40
dB
Coupling Tolerance
± 1
dB
Coupling Flatness
±0.5
dB
.
Mechanical Specifications
Size
Length
2.5 in [63.5 mm]
Width/Dia.
1.5 in [38.1 mm]
Height
0.9 in [22.86 mm]
.
Housing Material and Plating
Aluminum Alloy, Chem Film
Connectors
Description
Connector 1
Connector 2
Coupled Connectors
Type
N Female
N Female
SMA Female
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Dual Directional 40 dB N Coupler From 500 MHz to 3 GHz Rated To 200 Watts PE2CP1013
PE2CP1013
PE2CP1013 REV 1.0
Dual Directional 40 dB N Coupler From
500 MHz to 3 GHz Rated To 200 Watts


Similar Part No. - PE2CP1013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1010 PASTERNACK-PE2CP1010 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 500 Watts
PE2CP1011 PASTERNACK-PE2CP1011 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 200 Watts
PE2CP1012 PASTERNACK-PE2CP1012 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 500 Watts
PE2CP1014 PASTERNACK-PE2CP1014 Datasheet
351Kb / 3P
Dual Directional 40 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 200 Watts
PE2CP1015 PASTERNACK-PE2CP1015 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 800 MHz to 2.5 GHz Rated To 500 Watts
More results

Similar Description - PE2CP1013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1002 PASTERNACK-PE2CP1002 Datasheet
350Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 500 Watts
PE2CP1009 PASTERNACK-PE2CP1009 Datasheet
351Kb / 3P
Dual Directional 40 dB SMA Coupler From 100 MHz to 500 MHz Rated To 200 Watts
PE2CP1010 PASTERNACK-PE2CP1010 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 500 Watts
PE2CP1011 PASTERNACK-PE2CP1011 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 200 Watts
PE2CP1012 PASTERNACK-PE2CP1012 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 500 Watts
PE2CP1014 PASTERNACK-PE2CP1014 Datasheet
351Kb / 3P
Dual Directional 40 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 200 Watts
PE2CP1015 PASTERNACK-PE2CP1015 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 800 MHz to 2.5 GHz Rated To 500 Watts
PE2CP1016 PASTERNACK-PE2CP1016 Datasheet
351Kb / 3P
Dual Directional 40 dB N Coupler From 800 MHz to 4.2 GHz Rated To 200 Watts
PE2CP1020 PASTERNACK-PE2CP1020 Datasheet
349Kb / 3P
Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 1000 Watts
PE2242-10 PASTERNACK-PE2242-10 Datasheet
319Kb / 2P
Directional 10 dB SMA Coupler From 500 MHz to 3 GHz Rated To 50 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com