Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC528 Datasheet(PDF) 1 Page - Micro Electronics

Part # BC528
Description  PNP SILICON AF MEDIUM POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

BC528 Datasheet(HTML) 1 Page - Micro Electronics

  BC528 Datasheet HTML 1Page - Micro Electronics BC528 Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - BC528

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC52-10PA NXP-BC52-10PA Datasheet
1Mb / 22P
60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Nexperia B.V. All right...
BC52-10PA NEXPERIA-BC52-10PA Datasheet
1Mb / 22P
60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
BC52-10PA-Q NEXPERIA-BC52-10PA-Q Datasheet
249Kb / 13P
60 V, 1 A PNP medium power transistors
Rev. 1 24 October 2024
BC52-10PAS NEXPERIA-BC52-10PAS Datasheet
903Kb / 15P
45 V/60 V/80 V, 1 A PNP medium power transistors
BC52-10PAS NEXPERIA-BC52-10PAS Datasheet
261Kb / 11P
60 V, 1 A PNP medium power transistors
6 December 2022
More results

Similar Description - BC528

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N5820 MICRO-ELECTRONICS-2N5820 Datasheet
138Kb / 2P
COMPLEMENTARY SILICON AF MEDIUM POWER TRANSISTORS
BC327 MICRO-ELECTRONICS-BC327 Datasheet
130Kb / 2P
PNP SILICON AF MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BDP948 INFINEON-BDP948 Datasheet
44Kb / 4P
PNP Silicon AF Power Transistors
Jul-06-2001
BDP952 INFINEON-BDP952 Datasheet
44Kb / 4P
PNP Silicon AF Power Transistors
Jul-06-2001
logo
Micro Electronics
BC727 MICRO-ELECTRONICS-BC727 Datasheet
132Kb / 2P
PNP SILICON AF MEDIUM POWER TRANSISTORS
BC737 MICRO-ELECTRONICS-BC737 Datasheet
141Kb / 2P
NPN SILICON AF MEDIUM POWER TRANSISTORS
logo
Infineon Technologies A...
BDP948 INFINEON-BDP948_08 Datasheet
533Kb / 8P
PNP Silicon AF Power Transistors
2008-10-10
BDP950-E6327 INFINEON-BDP950-E6327 Datasheet
537Kb / 8P
PNP Silicon AF Power Transistors
2011-10-05
BDP954E6327 INFINEON-BDP954E6327 Datasheet
537Kb / 8P
PNP Silicon AF Power Transistors
2011-10-05
logo
Leshan Radio Company
LBTP3100Z4TZHG LRC-LBTP3100Z4TZHG Datasheet
994Kb / 5P
PNP Silicon AF Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com