Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC635 Datasheet(PDF) 1 Page - Micro Electronics

Part # BC635
Description  COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

BC635 Datasheet(HTML) 1 Page - Micro Electronics

  BC635 Datasheet HTML 1Page - Micro Electronics BC635 Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - BC635

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
High Current Transistors
logo
NXP Semiconductors
BC635 PHILIPS-BC635 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
NPN Silicon AF Transistors (High current gain High collector current)
logo
Fairchild Semiconductor
BC635 FAIRCHILD-BC635 Datasheet
55Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
More results

Similar Description - BC635

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT3904 CENTRAL-CMPT3904 Datasheet
100Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
CMPT4401 CENTRAL-CMPT4401 Datasheet
99Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
COMPLEMENTARY SILICON TRANSISTORS
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPS6560 CENTRAL-MPS6560 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON TRANSISTORS
MPSA05 CENTRAL-MPSA05_15 Datasheet
1Mb / 5P
COMPLEMENTARY SILICON TRANSISTORS
MPSA20 CENTRAL-MPSA20 Datasheet
331Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N6099 UTC-2N6099_15 Datasheet
73Kb / 3P
COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5814 NJSEMI-2N5814 Datasheet
80Kb / 1P
COMPLEMENTARY SILICON TRANSISTORS
WW18 NJSEMI-WW18 Datasheet
122Kb / 2P
Silicon Complementary Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com