Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM10710 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UM10710
Description  UBA20270DB1122 - 35 W/46 V/690 mA LED driver demo board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10710 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UM10710 Datasheet HTML 17Page - NXP Semiconductors UM10710 Datasheet HTML 18Page - NXP Semiconductors UM10710 Datasheet HTML 19Page - NXP Semiconductors UM10710 Datasheet HTML 20Page - NXP Semiconductors UM10710 Datasheet HTML 21Page - NXP Semiconductors UM10710 Datasheet HTML 22Page - NXP Semiconductors UM10710 Datasheet HTML 23Page - NXP Semiconductors UM10710 Datasheet HTML 24Page - NXP Semiconductors UM10710 Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
UM10710
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
User manual
Rev. 2 — 25 September 2013
21 of 25
NXP Semiconductors
UM10710
UBA20270DB1122 - 35 W/46 V/690 mA LED driver demo board
9.3 Pump inductor
Wurth Electronics Midcom Inc.; part number 750313755
a. Top/side view
b. Winding pinout
Fig 19. Pump inductor
Table 6.
Sense transformer electrical specifications
Symbol
Parameter
Value
Condition
Lp
inductance
1200
H
pins 1 to 10
Isat
saturation current
1 A
RDC
DC resistance
510 m
pins 1 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com