Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8250G
Description  High Speed CAN-Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8250G Datasheet HTML 16Page - Infineon Technologies AG TLE8250G Datasheet HTML 17Page - Infineon Technologies AG TLE8250G Datasheet HTML 18Page - Infineon Technologies AG TLE8250G Datasheet HTML 19Page - Infineon Technologies AG TLE8250G Datasheet HTML 20Page - Infineon Technologies AG TLE8250G Datasheet HTML 21Page - Infineon Technologies AG TLE8250G Datasheet HTML 22Page - Infineon Technologies AG TLE8250G Datasheet HTML 23Page - Infineon Technologies AG TLE8250G Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TLE8250G
Application Information
Data Sheet
21
Rev. 1.1, 2014-10-09
Figure 12
RxD Output driver capability for a logical “Low” signal1)
The diagram in Figure 12 shows the output current capability of the RxD output pin depended on the chip
temperature
T
J. At a logical “Low” signal VRxD,L = 0.4 V, the typical output current is between 5 mA for -40 °C and
3.5 mA for a temperature of +150 °C. The dependency of the output current on the temperature is almost linear.
The upper curve “
V
RxD,L = 0.4 V; typical output current + 6 sigma; VCC=5 V” reflects the expected maximum value
of the RxD output current of the TLE8250G.
The lower curve “
V
RxD,L = 0.4 V; typical output current - 6 sigma; VCC=5 V” reflects the expected minimum value
of the RxD output current of the TLE8250G. All simulations are based on a power supply
V
CC = 5.0 V.
8.3
Further Application Information
•
Please contact us for information regarding the FMEA pin.
•
Existing App. Note (Title)
•
For further information you may contact http://www.infineon.com/transceiver
1) Characteristics generated by simulation and specified by design. Production test criteria is described in Table 6;
Pos.: 7.1.9
0,000
1,000
2,000
3,000
4,000
5,000
6,000
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
Temperature in °C
VRxD,L=0.4V; typical output current
VCC=5V
VRxD,L=0.4V; typical output current
+ 6sigma; VCC=5V
VRxD,L=0.4V; typical output current
- 6sigma; VCC=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com