Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97A Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MAC97A
Description  Silicon Bidirectional Triode Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAC97A Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MAC97A Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
MAC97A6 MAC97A8
Repetitive peak off-state
voltages
V
DRM
V
RRM
400
600
V
RMS on-state current
I
T(RMS)
0.6
A
Non-repetitive peak
on-state current
I
TSM
8.0
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
MAC97A Series
GENERAL DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
MAC97A6 MAC97A8
Repetitive peak off-state voltage
s
V
DRM
V
RRM
—
400
600
—
V
RMS on-state current
I
T(RMS)
all conduction angles
—
0.6
—
A
On-state voltage
V
T
I
T=1.1 A
—
1.50
1.65
V
Holding current
I
H
V
D =12 V; IGT=200 mA
—
—
5
mA
Gate trigger
current
T2+G+
I
GT
V
D =12 V; RL= 100Ω
—
—
5.0
mA
T2+G-
—
—
5.0
T2-G-
—
—
5.0
T2-G+
—
—
7.0
Gate trigger voltage
V
GT
V
D =7.0 V; RL= 100Ω
—
0.5
0.8
V
Silicon Bidirectional Triode Thyristors
Designed for use in solid state relays, MPU interface, TTL logic and
any other light industrial or consumer application. Supplied in an
inexpensive TO - 92 package which is readily adaptable for use in
automatic insertion equipment.
Product specification
TO-92
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MAC97A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MAC97A SEMTECH_ELEC-MAC97A Datasheet
178Kb / 2P
Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
MAC97A-1 DIGITRON-MAC97A-1 Datasheet
289Kb / 5P
SILICON BIDIRECTIONAL THYRISTORS
MAC97A-2 DIGITRON-MAC97A-2 Datasheet
289Kb / 5P
SILICON BIDIRECTIONAL THYRISTORS
MAC97A-3 DIGITRON-MAC97A-3 Datasheet
289Kb / 5P
SILICON BIDIRECTIONAL THYRISTORS
MAC97A-4 DIGITRON-MAC97A-4 Datasheet
289Kb / 5P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC97A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC20A MOTOROLA-MAC20A Datasheet
386Kb / 3P
Silicon Bidirectional Triode Thyristors
2N6157 MOTOROLA-2N6157 Datasheet
362Kb / 4P
Silicon Bidirectional Triode Thyristors
MAC223FP MOTOROLA-MAC223FP Datasheet
65Kb / 4P
Silicon Bidirectional Triode Thyristors
logo
SEMTECH ELECTRONICS LTD...
MAC97 SEMTECH_ELEC-MAC97 Datasheet
178Kb / 2P
Silicon Bidirectional Triode Thyristors
logo
Tiger Electronic Co.,Lt...
STN1A60 TGS-STN1A60 Datasheet
128Kb / 1P
Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
MAC224 DIGITRON-MAC224 Datasheet
186Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
2N6342 DIGITRON-2N6342 Datasheet
249Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MAC229 NJSEMI-MAC229 Datasheet
121Kb / 3P
Triacs Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
MAC228FP MOTOROLA-MAC228FP Datasheet
95Kb / 4P
Silicon Bidirectional Triode Thyristors
MAC229AFP MOTOROLA-MAC229AFP Datasheet
94Kb / 4P
Silicon Bidirectional Triode Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com