Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # 5KP
Description  TVS Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

5KP Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  5KP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 5KP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 5KP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 5KP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TL, LEAD TEMPERATURE
FIG.4-STEADY STATE POWER
DERATING CURVE
10
8
6
4
2
0
25
50
75
100
125
150
175
200
60Hz RESISTIVE OR
INDUCTIVE LOAD
REVERSE VOLTAGE,VOLTS
FIG.2-TYPICAL JUNCTION CAPACITANCE
1
100
10000
1000
100
10
4
10
1000
MEASURED AT
TJ=25℃
STAND-OFF VOLTAGE
TP, PULSE WIDTH
FIG.3-PULSE RATING CURVE
0.1us
100
10
1.0
0.1
1.0us
10us
100us
1.0ms
10ms
TA=25℃,
SHOWN IN FIG.5
NON-REPETIVE PULSE WAVE FORM
TA AMBIENT TEMPERATURE,℃
FIG.1-PULSE DERATING CURVE
10*1000 WAVEFORM
AS DEFINED BY R.E.A
50
0
100
75
25
25
50
75 100
125 150
175 200
0
T, TIME (ms)
FIG.5 -PULSE WAVEFORM
TJ
=25℃
TP
Pulse with (Tp) is defined
as that point where the
peak current decays to
50% of IRSM
10*1000waveform as
defined by R.E.A
TR=10us
Peak value(IRSM)
Half value =
2
IRSM
100
50
0
1.0
2.0
3.0
4.0
0
5KP Series
TVS Transient Voltage Suppressor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com