Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE331 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE331
Description  N Male to N Female Low Loss Test Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE331 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE331 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE331 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE331 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE331 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE331 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
4
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male to N Female Low Loss Test Cable Using PE-P300LL Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Female Low Loss Test Cable Using PE-P300LL Coax, RoHS PE331
URL: http://www.pasternack.com/n-male-n-female-pe-p300ll-cable-assembly-pe331-p.aspx
PE331 REV 1.0
PE331
N Male to N Female Low Loss Test Cable
Using PE-P300LL Coax, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com