Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-T2002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-T2002
Description  Low Loss 9 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-T2002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-T2002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-T2002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-T2002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-T2002 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
Low Loss 9 dB 7/16 DIN Unequal Tapper Optimized For Mobile Networks From 380 MHz to 6 GHz Rated
To 300 Watts
Pasternack’s Line of High Power Wideband Tappers have been designed to maintain a Split Ratio across all frequencies
between 380MHz and 6Ghz. There is minimal Insertion Loss, VSWR, and Low PIM. Mechanically the parts have no
solder joints inside the Aluminum Casing and are IP65 / IP67 rated allowing for placement in rugged environments. This
setup along with select bands optimization makes them ideal for Mobile Networks Infrastructure.
• Split Ratios Ranging from 1:3 to 1:1000
• Power Ratings up to 300 Watts
• Low PIM (150dBc) Low VSWR (1.15)
• Rugged Designs available with optional mounting brackets
Configuration
Design
Low Loss Tapper
Frequency Range, GHz
0.38 to 6
Input
7/16 DIN Female
Output
7/16 DIN Female
Sample Port
7/16 DIN Female
Number of Output Ports
2
Housing Material and Plating
Passivated Aluminum
Electrical Specifications
Split Ratio
1:7
Number of Bands
4
Impedance, Ohms
50
Maximum Insertion Loss, dB *
0.75
Maximum Input Power, Watts
300
Maximum Input VSWR
1.3:1
Peak Input Power, KWatts
3
Passive Intermodulation (2 x 43 dBm), dBc
150
Band 1
Frequency, GHz
0.38 to 1.55
Coupling Tolerance, dB
0.5
VSWR
1.2
Band 2
Frequency, GHz
1.65 to 2.7
Coupling Tolerance, dB
0.5
VSWR
1.2:1
Band 3
Frequency, GHz
3.4 to 4.5
Coupling Tolerance, dB
1
VSWR
1.3:1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: Low Loss 9 dB 7/16 DIN Unequal Tapper Optimized For Mobile Networks From 380 MHz to
6 GHz Rated To 300 Watts PE-T2002
PE-T2002
PE-T2002 REV 1.0
Low Loss 9 dB 7/16 DIN Unequal Tapper Optimized For Mobile
Networks From 380 MHz to 6 GHz Rated To 300 Watts


Similar Part No. - PE-T2002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-T2000 PASTERNACK-PE-T2000 Datasheet
387Kb / 4P
Low Loss 20 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2001 PASTERNACK-PE-T2001 Datasheet
271Kb / 4P
Low Loss 15 dB 7/16 DIN Unequal Tapper Optimized For Mobile
PE-T2003 PASTERNACK-PE-T2003 Datasheet
271Kb / 4P
Low Loss 8 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2004 PASTERNACK-PE-T2004 Datasheet
272Kb / 4P
Low Loss 30 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2005 PASTERNACK-PE-T2005 Datasheet
272Kb / 4P
Low Loss 6 dB 7-16 DIN Unequal Tapper Optimized For Mobile
More results

Similar Description - PE-T2002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-T2001 PASTERNACK-PE-T2001 Datasheet
271Kb / 4P
Low Loss 15 dB 7/16 DIN Unequal Tapper Optimized For Mobile
PE-T2003 PASTERNACK-PE-T2003 Datasheet
271Kb / 4P
Low Loss 8 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2004 PASTERNACK-PE-T2004 Datasheet
272Kb / 4P
Low Loss 30 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2005 PASTERNACK-PE-T2005 Datasheet
272Kb / 4P
Low Loss 6 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2006 PASTERNACK-PE-T2006 Datasheet
271Kb / 4P
Low Loss 7 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2007 PASTERNACK-PE-T2007 Datasheet
273Kb / 4P
Low Loss 10 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2008 PASTERNACK-PE-T2008 Datasheet
272Kb / 4P
Low Loss 13 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2009 PASTERNACK-PE-T2009 Datasheet
267Kb / 3P
Low Loss 4.8 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2021 PASTERNACK-PE-T2021 Datasheet
271Kb / 4P
Low Loss 16 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PE-T2000 PASTERNACK-PE-T2000 Datasheet
387Kb / 4P
Low Loss 20 dB 7-16 DIN Unequal Tapper Optimized For Mobile
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com