Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-T2003 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-T2003
Description  Low Loss 8 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-T2003 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-T2003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-T2003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-T2003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-T2003 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TECHNICAL DATA SHEET
Plotted and Other Data
*Notes:•Valuesat25°C,sealevel
•Main line VSWR usable to DC
•CouplingPortusableto148MHzorlesswithacceptableroll-off.
•InsertionLoss=DissipativeLoss+CouplingLoss
•ResonantFreeinlistedoperatingbands,Resonancemayoccuroutsidespecifiedoperatingbands
Low Loss 8 dB 7/16 DIN Unequal Tapper Optimized For Mobile Networks From 380 MHz to 6 GHz Rated To 300 Watts from
PasternackEnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberoptic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: Low Loss 8 dB 7/16 DIN Unequal Tapper Optimized For Mobile Networks From 380 MHz to 6 GHz
Rated To 300 Watts PE-T2003
URL: http://www.pasternack.com/low-loss-8db-7-16-unequaltapper-380-mhz-6-ghz-300watts-pe-t2003-p.aspx
PE-T2003
PE-T2003 REV 1.0
Low Loss 8 dB 7/16 DIN Unequal Tapper Optimized For Mobile
Networks From 380 MHz to 6 GHz Rated To 300 Watts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com