Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-T2004 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-T2004
Description  Low Loss 30 dB 7-16 DIN Unequal Tapper Optimized For Mobile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-T2004 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-T2004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-T2004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-T2004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-T2004 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Band 4
Range, GHz
5 to 6
Coupling Tolerance, dB
3
VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
5.71 [145.03]
Width, in [mm]
1.5 [38.1]
Height, in [mm]
2.34 [59.44]
.
Weight, lbs [g]
0.75 [340.19]
Humidity
IP65
Connector 1
Contact Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
Connector 2
Contact Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
Connector 3
Contact Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE-T2004
PE-T2004 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: Low Loss 30 dB 7/16 DIN Unequal Tapper Optimized For Mobile Networks From 380 MHz to
6 GHz Rated To 300 Watts PE-T2004
Low Loss 30 dB 7/16 DIN Unequal Tapper Optimized For Mobile
Networks From 380 MHz to 6 GHz Rated To 300 Watts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com