Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60KG-TND-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N60KG-TND-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60KG-TND-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2N60KG-TND-R Datasheet HTML 1Page - Unisonic Technologies 2N60KG-TND-R Datasheet HTML 2Page - Unisonic Technologies 2N60KG-TND-R Datasheet HTML 3Page - Unisonic Technologies 2N60KG-TND-R Datasheet HTML 4Page - Unisonic Technologies 2N60KG-TND-R Datasheet HTML 5Page - Unisonic Technologies 2N60KG-TND-R Datasheet HTML 6Page - Unisonic Technologies 2N60KG-TND-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N60K-MT
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-B03.F
ABSOLUTE MAXIMUM RATINGS (TC=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
2.0
A
Continuous
ID
2.0
A
Drain Current
Pulsed (Note 2)
IDM
8.0
A
Single Pulsed (Note 3)
EAS
85
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
4.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
SOT-223
1
W
TO-220
54
W
TO-220F/TO-220F1
TO-220F3
21
W
TO-220F2
23
W
Power Dissipation
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252-4
TO-252D
PD
44
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L=42.5mH, IAS=2.0A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
4. ISD≤2.4A, di/dt≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
150
°C/W
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
62.5
°C/W
Junction to Ambient
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252-4
TO-252D
θJA
100
°C/W
SOT-223
14
°C/W
TO-220
2.32
°C/W
TO-220F/TO-220F1
TO-220F3
5.95
°C/W
TO-220F2
5.43
°C/W
Junction to Case
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252-4
TO-252D
θJC
2.87
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com