Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD2 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFD2
Description  SUMINIATURE DIP RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD2 Datasheet(HTML) 2 Page - Hongfa Technology

  HFD2 Datasheet HTML 1Page - Hongfa Technology HFD2 Datasheet HTML 2Page - Hongfa Technology HFD2 Datasheet HTML 3Page - Hongfa Technology HFD2 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
<RVKU0 81 Yc`i pn`m/n m`lpdm`h`ion ^\i/o ]` ajpi_ di oc` \]jq` o\]g`3
nk`^d\g jm_`m \ggjr`_5
91 Li ^\n` <X ja om\indnojm _mdq` ^dm^pdo3 do dn m`^jhh`i_`_ oj pn`
;5<X otk` m`g\t3 \i_ :X oj pn` 95;X otk` m`g\t5
;9
77:4O4N9
77<4O4N9
77=4O4N9
77@4O4N9
7894O4N9
78<4O4N9
79;4O4N9
:
<
=
@
89
8<
9;
959<
:5><
;5<
=5><
@57
8859<
8?57
;<
89<
8?7
;7<
>97
889<
97;7
=
87
89
8?
9;
:7
;?
77:4U4N8
77<4U4N8
77=4U4N8
77@4U4N8
7894U4N8
78<4U4N8
79;4U4N8
:
<
=
@
89
8<
9;
95;
;57
;5?
>59
@5=
8957
8@59
=7
::7
;?7
87?7
8@97
:777
>=?7
=5@
8=
8@
9@
:@
;:
>?
77:4U4N9
77<4U4N9
77=4U4N9
77@4U4N9
7894U4N9
78<4U4N9
79;4U4N9
:
<
=
@
89
8<
9;
95;
;57
;5?
>59
@5=
8957
8@59
=7
8=>
9;7
<;7
@=7
8<77
:?;7
=5@
885<
8:5?
975?
9>5>
:;5=
<<5;
<7hXGF
:7XGF
:7XGF
:7XGF
=7XGF
=7XGF
=7XGF
:7XDF
:7XDF
:7XDF
=7XDF
=7XDF
=7XDF
89<XDF
89<XDF
89<XDF
<7xY
97Y
:7Y
=7Y
97Y
:7Y
=7Y
;7XD
?7XD
897XD
;7XD
?7XD
897XD
;7XD
?7XD
89<XD
<s87> QRU
:s87= QRU
8s87= QRU
8s87< QRU
:s87= QRU
<s87< QRU
8s87< QRU
:s87= QRU
8s87= QRU
8s87< QRU
:s87= QRU
8s87= QRU
8s87< QRU
:s87= QRU
8s87= QRU
8s87< QRU
<s87> QRU
8s87= QRU
:s87< QRU
85<s87; QRU
44
44
44
8s87= QRU
:s87< QRU
85<s87; QRU
8s87= QRU
:s87< QRU
85<s87; QRU
8s87= QRU
:s87< QRU
85<s87; QRU
77<4U
77=4U
77@4U
7894U
78<4U
79;4U
<
=
@
89
8<
9;
;57
;5?
>59
@5=
8957
8@59
75<
75=
75@
859
85<
95;
8=>
9;7
<;7
@=7
8<77
:?;7
885<
8:5?
975?
9>5>
:;5=
<<5;
77:4O4N8
77<4O4N8
77=4O4N8
77@4O4N8
7894O4N8
78<4O4N8
79;4O4N8
:
<
=
@
89
8<
9;
959<
:5><
;5<
=5><
@57
8859<
8?57
@7
9<7
:=7
?87
8;;7
9997
;777
?5;
8;
8>
9<
:;
;9
<=
3=9: 41A1
AF>931: 3=<A13A :965 5E>53A1<3F
Xjgo\b`
Rjr`m
Hg`^omd^\g `i_pm\i^`
T`ndnodq` Nj\_
Li_p^odq` Nj\_
0Ijm DF ^jnzC75>1
Pjhdi\g
Xjgo\b`
XGF
Fjdg
Fj_`
Rd^f4pk
Xjgo\b`
XGF
h\s5
Gmjk4jpo
Xjgo\b`
XGF
hdi5
@NQLOK UNJK UVGHOK @KQUNVNXK VZSK
O\s5
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
s08 87-1
\o 9:
Fjdg
Fj_`
Pjhdi\g
Xjgo\b`
XGF
U`o 6 T`n`o
Xjgo\b`
XGF
h\s5
Fjdg
T`ndno\i^`
s08 87-1
O\s5
Xjgo\b`
XGF
/ IRNOU OGVIMNQL @VGQJGTJ VZSK
Fjdg
Fj_`
/ IRNOU OGVIMNQL @KQUNVNXK VZSK
Pjhdi\g
Xjgo\b`
XGF
U`o 6 T`n`o
Xjgo\b`
XGF
h\s5
Fjdg
T`ndno\i^`
s08 87-1
O\s5
Xjgo\b`
XGF
Fjdg
Fj_`
. IRNO OGVIMNQL @KQUNVNXK VZSK
Pjhdi\g
Xjgo\b`
XGF
U`o 6 T`n`o
Xjgo\b`
XGF
h\s5
Fjdg
T`ndno\i^`
s08 87-1
O\s5
Xjgo\b`
XGF
Pjhdi\g
Xjgo\b`
XGF
Fjdg
Fj_`
U`o 6 T`n`o
Xjgo\b`
XGF
h\s5
Fjdg
T`ndno\i^`
s08 87-1
O\s5
Xjgo\b`
XGF
. IRNO OGVIMNQL @VGQJGTJ VZSK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com