Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N60G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N60G-TN3-R
Description  N-CHANNEL JUNCTIN SILICON FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4N60G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N60G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N60G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N60G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N60G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N60G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 4N60G-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N60-E
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-970.C
4A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 4N60-E is a high voltage power MOSFET
and is designed to have better characteristics, such as
fast switching time, low gate charge, low on-state
resistance
and
have
a
high
rugged
avalanche
characteristics. This power MOSFET is usually used at
high speed switching applications in power supplies,
PWM motor controls, high efficient DC to DC converters
and bridge circuits.
FEATURES
* RDS(ON) < 2.5Ω @ VGS = 10 V, ID = 2.2A
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, high RuggednessA
SYMBOL


Similar Part No. - 4N60G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60G-TN3-R UTC-4N60G-TN3-R Datasheet
376Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
4N60G-TN3-R UTC-4N60G-TN3-R Datasheet
408Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60G-TN3-R UTC-4N60G-TN3-R Datasheet
432Kb / 9P
N-CHANNEL ENHANCEMENT MODE MOSFET
4N60G-TN3-R UTC-4N60G-TN3-R Datasheet
253Kb / 7P
N-CHANNEL POWER MOSFET
4N60G-TN3-R UTC-4N60G-TN3-R Datasheet
250Kb / 8P
N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SK3666 UTC-2SK3666 Datasheet
150Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
UT3458 UTC-UT3458_15 Datasheet
180Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
2N70K UTC-2N70K_15 Datasheet
283Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
2N50K-TA UTC-2N50K-TA Datasheet
208Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
3N70K-MK UTC-3N70K-MK Datasheet
212Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
4N60K-MT UTC-4N60K-MT Datasheet
241Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
11NM40 UTC-11NM40 Datasheet
229Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
13N50K UTC-13N50K Datasheet
208Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
UT4114 UTC-UT4114 Datasheet
179Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
4N70K-TA UTC-4N70K-TA Datasheet
271Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com