Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4N65L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  4N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4N65-N
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-965.C
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note2)
IAR
4.4
A
Drain Current
Continuous
ID
4.0
A
Pulsed (Note2)
IDM
16
A
Avalanche Energy
Single Pulsed (Note3)
EAS
260
mJ
Repetitive (Note2)
EAR
10.6
mJ
Peak Diode Recovery dv/dt (Note4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220/TO-262/TO-263
PD
106
W
TO-220F/TO-220F1
TO-220F3
35
W
TO-220F2
36
W
TO-251/ TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
50
W
DFN-8(5×6)
30
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L = 30mH, IAS = 4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD≤4.4A, di/dt ≤200A/μs, VDD≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-262/TO-263
TO-220F/TO-220F1
TO-220F2/TO-220F3
θJA
62.5
°С/W
TO-251/ TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
110
°С/W
DFN-8(5×6)
75
°С/W
Junction to Case
TO-220/TO-262/TO-263
θJC
1.18
°С/W
TO-220F/TO-220F1
TO-220F3
3.5
°С/W
TO-220F2
3.4
°С/W
TO-251/ TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
2.5
°С/W
DFN-8(5×6)
4.17
°С/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com