Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524DM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3524DM/NOPB
Description  Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524DM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3524DM/NOPB Datasheet HTML 1Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 2Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 3Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 4Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 5Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 6Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 7Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 8Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM2524D, LM3524D
www.ti.com
SNVS766E – JUNE 2009 – REVISED MAY 2013
LM2524D/LM3524D Regulating Pulse Width Modulator
Check for Samples: LM2524D, LM3524D
The LM3524D has a ±1% precision 5V reference.
1
FEATURES
The current carrying capability of the output drive
2
•
Fully Interchangeable With Standard LM3524
transistors has been raised to 200 mA while reducing
Family
VCEsat and increasing VCE breakdown to 60V. The
•
±1% Precision 5V Reference With Thermal
common mode voltage range of the error-amp has
been raised to 5.5V to eliminate the need for a
Shut-Down
resistive divider from the 5V reference.
•
Output Current to 200 mA DC
In the LM3524D the circuit bias line has been isolated
•
60V Output Capability
from the shut-down pin. This prevents the oscillator
•
Wide Common Mode Input Range for Error-
pulse amplitude and frequency from being disturbed
Amp
by shut-down. Also at high frequencies (
≃300 kHz)
•
One Pulse per Period (Noise Suppression)
the max. duty cycle per output has been improved to
44% compared to 35% max. duty cycle in other
•
Improved Max. Duty Cycle at High Frequencies
3524s.
•
Double Pulse Suppression
In addition, the LM3524D can now be synchronized
•
Synchronize Through Pin 3
externally, through pin 3. Also a latch has been
added to insure one pulse per period even in noisy
DESCRIPTION
environments. The LM3524D includes double pulse
The LM3524D family is an improved version of the
suppression logic that insures when a shut-down
industry
standard
LM3524.
It
has
improved
condition is removed the state of the T-flip-flop will
specifications and additional features yet is pin for pin
change only after the first clock pulse has arrived.
compatible with existing 3524 families. New features
This feature prevents the same output from being
reduce the need for additional external circuitry often
pulsed twice in a row, thus reducing the possibility of
required in the original version.
core saturation in push-pull designs.
Connection Diagram
Figure 1. Top View
See Package Number NFG
See Package Number D
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3524DM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3524DM NSC-LM3524DM Datasheet
1Mb / 22P
Regulating Pulse Width Modulator
More results

Similar Description - LM3524DM/NOPB

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
Regulating Pulse Width Modulator
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
Regulating Pulse Width Modulator?
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com