Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524DN Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3524DN
Description  Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524DN Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3524DN Datasheet HTML 17Page - Texas Instruments LM3524DN Datasheet HTML 18Page - Texas Instruments LM3524DN Datasheet HTML 19Page - Texas Instruments LM3524DN Datasheet HTML 20Page - Texas Instruments LM3524DN Datasheet HTML 21Page - Texas Instruments LM3524DN Datasheet HTML 22Page - Texas Instruments LM3524DN Datasheet HTML 23Page - Texas Instruments LM3524DN Datasheet HTML 24Page - Texas Instruments LM3524DN Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM2524D, LM3524D
www.ti.com
SNVS766E – JUNE 2009 – REVISED MAY 2013
This holds the output of the error amplifier initially low thus reducing the duty-cycle to a minimum. Without the
slow start circuit the inductor may saturate at turn-on because it has to supply high peak currents to charge the
output capacitor from 0V. It should also be noted that this circuit has no supply rejection. By adding a reference
voltage at the non-inverting input to the error amplifier, see Figure 31, the input voltage variations are rejected.
The LM3524D can also be used in inductorless switching regulators. Figure 32 shows a polarity inverter which if
connected to Figure 30 provides a
−15V unregulated output.
L1 = > 25 turns No. 24 wire on Ferroxcube No. K300502 Toroid core.
Figure 30. 15V, 0.5A Step-Up Switching Regulator
Figure 31. Replacing R3/R4 Divider in Figure 30 with Reference Circuit Improves Line Regulation
Figure 32. Polarity Inverter Provides Auxiliary
−15V Unregulated Output from Circuit of Figure 30
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2524D LM3524D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com