Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N70L-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 6N70L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N70L-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  6N70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 6N70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 6N70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 6N70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 6N70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 6N70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 6N70L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 6N70L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6N70-P
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-968.E
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
700
V
Breakdown Voltage Temperature Coefficient ∆BVDSS/∆TJ ID=250µA
0.79
V/°C
Drain-Source Leakage Current
IDSS
VDS=700V
25
µA
VDS=560V, TC=125°C
250
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100
nA
Reverse
VGS=-30V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3A (Note 1)
1.6
1.8
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V,
f=1.0MHz (Note 1, 2)
810 1000
pF
Output Capacitance
COSS
95
135
pF
Reverse Transfer Capacitance
CRSS
15
25
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDS=30V, ID=0.5A, RG=2.5Ω
57
84
ns
Rise Time
tR
64
90
ns
Turn-OFF Delay Time
tD(OFF)
180
220
ns
Fall-Time
tF
68
100
ns
Total Gate Charge
QG
VGS=10V, VDS=50V,
ID=1.3A (Note 1, 2)
25
35
nC
Gate to Source Charge
QGS
6.5
nC
Gate to Drain Charge
QGD
6.0
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
Integral reverse pn-diode in
the MOSFET
6
A
Maximum Body-Diode Pulsed Current
(Note 3)
ISM
24
A
Drain-Source Diode Forward Voltage
(Note 2)
VSD
IS=6A, VGS=0V, TJ = 25°C
1.4
V
Notes: 1. Pulse Test: Pulse width ≤ 250µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature
3. Repetitive Rating: Pulse width limited by maximum junction temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com