Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGB20 Datasheet(PDF) 1 Page - Micro Electronics

Part # MGB20
Description  DOT POINT 2.0mm HIGH EFFICIENCY LED LAMPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MGB20 Datasheet(HTML) 1 Page - Micro Electronics

  MGB20 Datasheet HTML 1Page - Micro Electronics MGB20 Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MGB20

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB2310TK-X MICRO-ELECTRONICS-MGB2310TK-X Datasheet
46Kb / 1P
5MM OVAL TYPE HIGH BRIGHTNESS YELLOW GREEN LED LAMP
MGB27TA-X MICRO-ELECTRONICS-MGB27TA-X Datasheet
46Kb / 1P
ULTRA HIGH BRIGHTNESS GREEN LED LAMP
More results

Similar Description - MGB20

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
103SDRD EVERLIGHT-103SDRD Datasheet
117Kb / 6P
2.0mm Tower Type LED Lamps
103SURD EVERLIGHT-103SURD Datasheet
120Kb / 6P
2.0mm Tower Type LED Lamps
103UYD EVERLIGHT-103UYD Datasheet
112Kb / 6P
2.0mm Tower Type LED Lamps
103SDRD-S530-A3 EVERLIGHT-103SDRD-S530-A3 Datasheet
117Kb / 6P
2.0mm Tower Type LED Lamps
103SURD-S530-A3 EVERLIGHT-103SURD-S530-A3 Datasheet
120Kb / 6P
2.0mm Tower Type LED Lamps
103SYGD-S530-E2 EVERLIGHT-103SYGD-S530-E2 Datasheet
112Kb / 6P
2.0mm Tower Type LED Lamps
103UYD-S530-A3 EVERLIGHT-103UYD-S530-A3 Datasheet
112Kb / 6P
2.0mm Tower Type LED Lamps
103SUBD-S400-A4 EVERLIGHT-103SUBD-S400-A4 Datasheet
142Kb / 7P
2.0mm Tower Type LED Lamps
103SUBD-S400-A4 EVERLIGHT-103SUBD-S400-A4 Datasheet
142Kb / 7P
2.0mm Tower Type LED Lamps
103SYGD-S530-E2 EVERLIGHT-103SYGD-S530-E2 Datasheet
628Kb / 6P
2.0mm Tower Type LED Lamps
Sep.26. 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com