Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N65G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N65G-TQ2-R
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N65G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7N65G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N65G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N65G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N65G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N65G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N65G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 7N65G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 7N65G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N65-F
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-998. A
7.4A, 650V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 7N65-F is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching time,
low gate charge, low on-state resistance and have a high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in switching power supplies and
adaptors.
FEATURES
* RDS(ON) = 1.2Ω @ VGS = 10V, ID = 3.7A
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
7N65L-TA3-T
7N65G-TA3-T
TO-220
G
D
S
Tube
7N65L-TF1-T
7N65G-TF1-T
TO-220F1
G
D
S
Tube
7N65L-TF2-T
7N65G-TF2-T
TO-220F2
G
D
S
Tube
7N65L-TF3-T
7N65G-TF3-T
TO-220F
G
D
S
Tube
7N65L-T2Q-T
7N65G-T2Q-T
TO-262
G
D
S
Tube
7N65L-TQ2-R
7N65G-TQ2-R
TO-263
G
D
S
Tape Reel
7N65L-TQ2-T
7N65G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source
(1) R: Tape Reel, T: Tube
(2) TA3: TO-220, TF1: TO220-F1, TF3: TO-220F
(2) T2Q: TO-262, TQ2: TO-263, TF2: TO220-F2
(3) G: Halogen Free, L: Lead Free
7N65L-TA3-T
(1) Packing Type
(2) Package Type
(3) Lead Free


Similar Part No. - 7N65G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65G-TQ2-R UTC-7N65G-TQ2-R Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
7N65G-TQ2-R UTC-7N65G-TQ2-R Datasheet
173Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
7N65G-TQ2-R UTC-7N65G-TQ2-R Datasheet
374Kb / 9P
N-CHANNEL POWER MOSFET
7N65G-TQ2-R UTC-7N65G-TQ2-R Datasheet
347Kb / 8P
N-CHANNEL POWER MOSFET
More results

Similar Description - 7N65G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3823 MICRO-ELECTRONICS-2N3823 Datasheet
237Kb / 2P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Central Semiconductor C...
2N4338 CENTRAL-2N4338 Datasheet
47Kb / 1P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215 Datasheet
133Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
KTX598TF KEC-KTX598TF Datasheet
37Kb / 2P
N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4860 NJSEMI-2N4860 Datasheet
161Kb / 2P
N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215_15 Datasheet
160Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2302 UTC-UT2302_15 Datasheet
294Kb / 5P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2308 UTC-UT2308_15 Datasheet
158Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT4404 UTC-UT4404_15 Datasheet
251Kb / 4P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
9N90-Q UTC-9N90-Q Datasheet
246Kb / 6P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com