Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G07G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AUP1G07G-AE5-R
Description  LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G07G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AUP1G07G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G07G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G07G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G07G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G07G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AUP1G07
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-928.D
LOW-POWER BUFFER WITH
OPEN-DRAIN OUTPUT
DESCRIPTION
The U74AUP1G07 provides the single non-inverting buffer with
open-drain output. The output of the device is an open drain and
can be connected to other open-drain outputs to implement
active-LOW wire-OR active-HIGH wire-AND functions.
This device ensures a very low static and dynamic power
consumption across the entire VCC range from 0.8V to 3.6V.
This device has power-down protective circuit, preventing
device destruction when it is powered down.
FEATURES
* Wide supply voltage range from 0.8V to 3.6V
* Inputs accept voltages up to 3.6V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=0.5μA (Max.)
* Optimized for 3.3V Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AUP1G07G-AE5-R
SOT-23-5
Tape Reel
U74AUP1G07G-AL5-R
SOT-353
Tape Reel
U74AUP1G07G-K06-1010-R
DFN-6(1.0×1.0)
Tape Reel
MARKING
SOT-23-5 / SOT-353
DFN-6(1.0×1.0)


Similar Part No. - U74AUP1G07G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G07 UTC-U74AUP1G07 Datasheet
208Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
U74AUP1G07 UTC-U74AUP1G07_15 Datasheet
217Kb / 5P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
More results

Similar Description - U74AUP1G07G-AE5-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
Low-power buffer with open-drain output
Rev. 03-17 June 2009
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 PHILIPS-74AUP1G07_15 Datasheet
344Kb / 19P
Low-power buffer with open-drain output
Rev. 7-16 July 2012
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
Low-power buffer with open-drain output
74AUP1G07-Q100 NEXPERIA-74AUP1G07-Q100 Datasheet
214Kb / 12P
Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com