Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G07G-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AUP1G07G-AL5-R
Description  LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G07G-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AUP1G07G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G07G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G07G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G07G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G07G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AUP1G07
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-928.D
DYNAMIC CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=0.8V
12.2
ns
VCC=1.2V±0.1V
2.1
5.1
ns
VCC=1.5V±0.1V
1.6
3.6
ns
VCC=1.8V±0.15V
1.6
3.1
ns
VCC=2.5V±0.2V
1.1
2.1
ns
CL=5pF,
RL=5KΩ
VCC=3.3V±0.3V
1.4
2.2
ns
VCC=0.8V
15
ns
VCC=1.2V±0.1V
3
6.2
ns
VCC=1.5V±0.1V
2.3
4.4
ns
VCC=1.8V±0.15V
2.4
3.9
ns
VCC=2.5V±0.2V
1.7
2.8
ns
CL=10pF,
RL=5KΩ
VCC=3.3V±0.3V
2.2
3.0
ns
VCC=0.8V
18.2
ns
VCC=1.2V±0.1V
3.5
7.3
ns
VCC=1.5V±0.1V
3
5.2
ns
VCC=1.8V±0.15V
2.8
4.8
ns
VCC=2.5V±0.2V
2.4
3.4
ns
CL=15pF,
RL=5KΩ
VCC=3.3V±0.3V
2.2
3.7
ns
VCC=0.8V
26.5
ns
VCC=1.2V±0.1V
4.8
10.7
ns
VCC=1.5V±0.1V
4.1
7.7
ns
VCC=1.8V±0.15V
3.8
7.5
ns
VCC=2.5V±0.2V
3.7
5.4
ns
Propagation delay from input
(A) to output(Y)
tPD
CL=30pF,
RL=5KΩ
VCC=3.3V±0.3V
3.6
6.3
ns
OPERATING CHARACTERISTICS (f =1 MHz; VI=VCC or GND, TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDTIONS
MIN
TYP
MAX
UNIT
VCC=0.8V
1.0
pF
VCC=1.2V±0.1V
1.0
pF
VCC=1.5V±0.1V
1.0
pF
VCC=1.8V±0.15V
1.0
pF
VCC=2.5V±0.2V
1.0
pF
Power Dissipation
Capacitance
CPD
VCC=3.3V±0.3V
1.0
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com