Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2696MXA/NOPB
Description  LM2696 3A, Constant On Time Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2696MXA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM2696MXA/NOPB Datasheet HTML 1Page - Texas Instruments LM2696MXA/NOPB Datasheet HTML 2Page - Texas Instruments LM2696MXA/NOPB Datasheet HTML 3Page - Texas Instruments LM2696MXA/NOPB Datasheet HTML 4Page - Texas Instruments LM2696MXA/NOPB Datasheet HTML 5Page - Texas Instruments LM2696MXA/NOPB Datasheet HTML 6Page - Texas Instruments LM2696MXA/NOPB Datasheet HTML 7Page - Texas Instruments LM2696MXA/NOPB Datasheet HTML 8Page - Texas Instruments LM2696MXA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
9
8
GND
N/C
10
7
SS
FB
11
6
PGOOD
EXTVCC
12
5
RON
AVIN
13
4
SD
CBOOT
14
3
PVIN
SW
15
2
SW
16
1
SW
PVIN
PVIN
LM2696
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Top View
Figure 1. HTSSOP-16 Package
See Package Number PWP0016A
PIN DESCRIPTIONS
Pin #
Name
Function
1, 2, 3
SW
Switching node
4
CBOOT
Bootstrap capacitor input
5
AVIN
Analog voltage input
6
EXTVCC
Output of internal regulator for decoupling
7
FB
Feedback signal from output
8
N/C
No connect
9
GND
Ground
10
SS
Soft-start pin
11
PGOOD
Power-good flag, open drain output
12
RON
Sets the switch on-time dependent on current
13
SD
Shutdown pin
14, 15, 16
PVIN
Power voltage input
-
Exposed Pad
Must be connected to ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com