Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RFM219SW
Description  Wireless Alarm and Security Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM219SW Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RFM219SW Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM219SW Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 13/35
E-mail:sales@hoperf.com
Category
Parameters
Descriptions
Default
Mode
State After Rx
Exit
This defines the state to which the device will switch after
the Rx Early Exit. The options are: STBY or TUNE.
STBY
Advanced
System Clock
Output
Turn on/off the system clock output on CLKO, the options
are: on or off.
Off
Advanced
System Clock
Frequency
The system clock output frequency, the options are:
13.000, 6.500, 4.333, 3.250, 2.600, 2.167, 1.857, 1.625,
1.444, 1.300, 1.182, 1.083, 1.000, 0.929, 0.867, 0.813,
0.765, 0.722, 0.684, 0.650, 0.619, 0.591, 0.565, 0.542,
0.520, 0.500, 0.481, 0.464, 0.448, 0.433, 0.419 or 0.406
MHz. It is only available when System Clock Output is
turned on.
6.500 MHz
Advanced
Wake-On Radio
Turn on/off the wake-on radio function, the options are:
on or off.
Off
Advanced
Wake-On
Condition
The condition to wake on the radio, the option is:
Extended by Preamble, or Extended by Preamble then
Sync Word. It is only available when Wake-On Radio is
turned on.
Extended by
Preamble
Advanced
OOK
Settings
Demod Method
The OOK demodulation methods, the options are: Peak
TH, or Fixed TH.
Peak TH
Advanced
Fixed Demod TH
The threshold value when the Demod Method is “Fixed
TH”, the minimum input value is the value of Squelch
Threshold set on the RFPDK, the maximum value is 255.
50
Advanced
Peak Drop
Turn on/off the RSSI peak drop function, the options are
on, or off.
On
Advanced
Peak Drop Step
The RSSI peak drop step size, the options are: 1, 2, 3, 5,
6, 9, 12 or 15.
1
Advanced
Peak Drop Rate
The RSSI peak drop rate, the options are: 1 step/4
symbols, 1 step/2 symbols, 1 step/1 symbol, or 1 step/0.5
symbol.
1 step/4
symbols
Advanced
AGC
Automatic Gain Control, the options are: on or off.
On
Advanced
(G)FSK
Settings
Deviation
The (G)FSK frequency deviation. The minimum value of
the deviation is equal to Xtal Tolerance (ppm) x
Frequency (MHz) / 0.7. The maximum value of deviation
is equal to 220 kHz - Xtal Tolerance (ppm) x Frequency
(MHz).
35 kHz
Basic
Advanced
Sync Clock Type
This parameter allows the user to select the method to
perform the clock data recovery. The options are: tracing
or counting.
Counting
Advanced
Data
Representation
To select whether the frequency “F-high” represent data 0
or 1. The options are: 0: F-high 1:F-low, or
0: F-low 1:F-high.
0: F-low
1:F-high
Basic
Advanced
Rising Relative
TH
This is the relative threshold to trigger the (G)FSK
demodulation. It is measured in terms of RSSI code. The
options are: 0, 3, 6, 9, 12, 15, 18, 21, 24, 27, 30, 36, 42,
54, 66, or 90.
21
Advanced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com