Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2840 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2840
Description  Input Step-Down DC/DC Regulator in Thin SOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2840 Datasheet(HTML) 2 Page - Texas Instruments

  LM2840 Datasheet HTML 1Page - Texas Instruments LM2840 Datasheet HTML 2Page - Texas Instruments LM2840 Datasheet HTML 3Page - Texas Instruments LM2840 Datasheet HTML 4Page - Texas Instruments LM2840 Datasheet HTML 5Page - Texas Instruments LM2840 Datasheet HTML 6Page - Texas Instruments LM2840 Datasheet HTML 7Page - Texas Instruments LM2840 Datasheet HTML 8Page - Texas Instruments LM2840 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CB
1
2
3
4
5
6
LM2840/1/2
GND
FB
SW
PIN 1 ID
VIN
SHDN
LM2841, LM2842
SNVS540H – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Top View
Figure 1. SOT 6 Lead
See Package Number DDC (R-PDSO-G6)
PIN DESCRIPTIONS
Pin
Name
Function
1
CB
SW FET gate bias voltage. Connect CBOOT cap between CB and SW.
2
GND
Ground connection.
Feedback pin: Set feedback voltage divider ratio with VOUT = VFB (1+(R1/R2)). Resistors should be
3
FB
in the 100-10K range to avoid input bias errors.
4
SHDN
Logic level shutdown input. Pull to GND to disable the device and pull high to enable the device. If
this function is not used tie to VIN or leave open.
5
VIN
Power input voltage pin: 4.5V to 42V normal operating range.
6
SW
Power FET output: Connect to inductor, diode, and CBOOT cap.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2841 LM2842



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com