Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2853 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2853
Description  3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2853 Datasheet(HTML) 3 Page - Texas Instruments

  LM2853_15 Datasheet HTML 1Page - Texas Instruments LM2853_15 Datasheet HTML 2Page - Texas Instruments LM2853_15 Datasheet HTML 3Page - Texas Instruments LM2853_15 Datasheet HTML 4Page - Texas Instruments LM2853_15 Datasheet HTML 5Page - Texas Instruments LM2853_15 Datasheet HTML 6Page - Texas Instruments LM2853_15 Datasheet HTML 7Page - Texas Instruments LM2853_15 Datasheet HTML 8Page - Texas Instruments LM2853_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Connection Diagram
20201503
Ordering Information
Order Number
Voltage
Option
Package
Marking
Package Type
Package
Drawing
Supplied As
LM2853MH-0.8
0.8
LM2853-0.8
TSSOP-14 exposed
pad
MXA14A
94 Units, Rail
LM2853MHX-0.8
2500 Units, Tape and Reel
LM2853MH-1.0
1.0
LM2853-1.0
94 Units, Rail
LM2853MHX-1.0
2500 Units, Tape and Reel
LM2853MH-1.2
1.2
LM2853-1.2
94 Units, Rail
LM2853MHX-1.2
2500 Units, Tape and Reel
LM2853MH-1.5
1.5
LM2853-1.5
94 Units, Rail
LM2853MHX-1.5
2500 Units, Tape and Reel
LM2853MH-1.8
1.8
LM2853-1.8
94 Units, Rail
LM2853MHX-1.8
2500 Units, Tape and Reel
LM2853MH-2.5
2.5
LM2853-2.5
94 Units, Rail
LM2853MHX-2.5
2500 Units, Tape and Reel
LM2853MH-3.0
3.0
LM2853-3.0
94 Units, Rail
LM2853MHX-3.0
2500 Units, Tape and Reel
LM2853MH-3.3
3.3
LM2853-3.3
94 Units, Rail
LM2853MHX-3.3
2500 Units, Tape and Reel
Note: Contact factory for other voltage options.
Pin Descriptions
Pin #
Name
Function
1
AVIN
Input Voltage for Control Circuitry.
2
EN
Enable.
3
SGND
Low noise ground.
4
SS
Soft-Start Pin.
5
NC
No Connect. This pin must be tied to ground.
6,7
PVIN
Input Voltage for Power Circuitry.
8,9
SW
Switch Pin.
10,11
PGND
Power Ground.
12,13
NC
No-Connect. These pins must be tied to ground.
14
SNS
Output Voltage Sense Pin.
Exposed Pad
EP
The exposed pad is internally connected to GND, but it cannot be
used as the primary GND connection. The exposed pad should be
soldered to an external GND plane.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com