Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5000 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5000 Datasheet(HTML) 2 Page - Texas Instruments

  LM5000 Datasheet HTML 1Page - Texas Instruments LM5000 Datasheet HTML 2Page - Texas Instruments LM5000 Datasheet HTML 3Page - Texas Instruments LM5000 Datasheet HTML 4Page - Texas Instruments LM5000 Datasheet HTML 5Page - Texas Instruments LM5000 Datasheet HTML 6Page - Texas Instruments LM5000 Datasheet HTML 7Page - Texas Instruments LM5000 Datasheet HTML 8Page - Texas Instruments LM5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM5000
SNVS176D – MAY 2004 – REVISED MARCH 2007
www.ti.com
Connection Diagram
Figure 2. Top View
PIN DESCRIPTIONS
Pin
Name
Function
1
COMP
Compensation network connection. Connected to the output of the voltage error amplifier. The RC
compenstion network should be connected from this pin to AGND. An additional 100pF high frequency
capacitor to AGND is recommended.
2
FB
Output voltage feedback input.
3
SHDN
Shutdown control input, Open = enable, Ground = disable.
4
AGND
Analog ground, connect directly to PGND.
5
PGND
Power ground.
6
PGND
Power ground.
7
PGND
Power ground.
8
PGND
Power ground.
9
SW
Power switch input. Switch connected between SW pins and PGND pins
10
SW
Power switch input. Switch connected between SW pins and PGND pins
11
SW
Power switch input. Switch connected between SW pins and PGND pins
12
BYP
Bypass-Decouple Capacitor Connection, 0.1µF ceramic capacitor recommended.
13
VIN
Analog power input. A small RC filter is recommended, to suppress line glitches. Typical values of 10
Ω
and
≥ 0.1µF are recommended.
14
SS
Softstart Input. External capacitor and internal current source sets the softstart time.
15
FS
Switching frequency select input. Open = Fhigh. Ground = Flow
16
TEST
Factory test pin, connect to ground.
-
Exposed Pad
Connect to system ground plane for reduced thermal resistance.
underside of WSON
package
2
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com