Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5019 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5019_15 Datasheet HTML 17Page - Texas Instruments LM5019_15 Datasheet HTML 18Page - Texas Instruments LM5019_15 Datasheet HTML 19Page - Texas Instruments LM5019_15 Datasheet HTML 20Page - Texas Instruments LM5019_15 Datasheet HTML 21Page - Texas Instruments LM5019_15 Datasheet HTML 22Page - Texas Instruments LM5019_15 Datasheet HTML 23Page - Texas Instruments LM5019_15 Datasheet HTML 24Page - Texas Instruments LM5019_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
VIN(UVLO, rising) = 1.225V x
RUV2
+ 1
)
(
RUV1
VIN (HYS) = IHYS x RUV2
OUT(MAX)
IN
IN
I
C
4
f
V
³
´ ´ D
LM5019
www.ti.com
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
8.2.2.2.11
Input Capacitor
The input capacitor is typically a combination of a smaller bypass capacitor located near the regulator IC and a
larger bulk capacitor. The total input capacitance should be large enough to limit the input voltage ripple to a
desired amplitude. For input ripple voltage
ΔVIN, CIN can be calculated using Equation 26.
(26)
Choosing a
ΔVIN of 0.5 V gives a minimum CIN of 0.067 μF. A standard value of 0.1 μF is selected for for CBYP in
this design. A bulk capacitor of higher value reduces voltage spikes due to parasitic inductance between the
power source to the converter. A standard value of 1
μF is selected for for CIN in this design. The voltage ratings
of the two input capacitors should be greater than the maximum input voltage under all conditions.
8.2.2.2.12
UVLO Resistors
UVLO resistors RUV1 and RUV2 set the undervoltage lockout threshold and hysteresis according to Equation 27
and Equation 28.
(27)
(28)
Where IHYS = 20 μA, typical.
For a UVLO hysteresis of 2.5 V and UVLO rising threshold of 20 V, Equation 27 and Equation 28 require RUV1 of
8.25 k
Ω and RUV2 of 127 kΩ and these values are selected for this design example.
8.2.2.2.13
VCC Diode
Diode D2 is an optional diode connected between VOUT1 and the VCC regulator output pin. When VOUT1 is more
than one diode drop greater than the VCC voltage, the VCC bias current is supplied from VOUT1. This results in
reduced power losses in the internal VCC regulator which improves converter efficiency. VOUT1 must be set to a
voltage at least one diode drop higher than 8.55 V (the maximum VCC voltage) if D2 is used to supply bias
current.
8.2.2.3 Application Curves
VIN = 48 V
IOUT1 = 0 mA
IOUT2 = 100 mA
Figure 22. Steady State Waveform
Figure 21. Efficiency at 750 kHz, VOUT1 = 10 V
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com