Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5019 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 9Page - Texas Instruments LM5019 Datasheet HTML 10Page - Texas Instruments LM5019 Datasheet HTML 11Page - Texas Instruments LM5019 Datasheet HTML 12Page - Texas Instruments LM5019 Datasheet HTML 13Page - Texas Instruments LM5019 Datasheet HTML 14Page - Texas Instruments LM5019 Datasheet HTML 15Page - Texas Instruments LM5019 Datasheet HTML 16Page - Texas Instruments LM5019 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
VOUT
RFB2
VCC
RFB1
To FB
D
C1
R2
R1
D1
B
LM5019
www.ti.com
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
(3) R1 is used to maintain the node B voltage at zero after the soft-start is finished. A value larger than the
feedback resistor divider is preferred.
With component values from the applications from the schematic shown in Figure 13, selecting C1 = 1 µF, R2 = 1
k
Ω, R1 = 30 kΩ results in a soft-start time of about 2 ms.
Figure 12. Soft-Start Circuit
7.4 Device Functional Modes
The UVLO pin controls the operating mode of the LM5019 device (see Table 2 for the detailed functional states).
Table 2. UVLO Mode
UVLO
VCC
MODE
DESCRIPTION
VCC regulator disabled.
< 0.66 V
Disabled
Shutdown
Switching disabled.
VCC regulator enabled
0.66 V to 1.225 V
Enabled
Standby
Switching disabled.
VCC regulator enabled.
VCC < 4.5 V
Standby
Switching disabled.
> 1.225 V
VCC enabled.
VCC > 4.5 V
Operating
Switching enabled.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com