Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5SC1005 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5SC1005
Description  75 Ohm F Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 3 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5SC1005 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5SC1005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5SC1005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5SC1005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5SC1005 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
Pasternack’s PE5SC1005 offers excellent performance characteristics that is specially designed for the fine-tuning
and calibration of sensitive test equipment in engineering labs, production environments, and quality testing facilities.
All of our calibration kits & components are built to withstand years of rigorous use and provide accurate RF equipment
calibration for the life of the product. Pasternack’s broad portfolio of test and measurement components offer users a
variety of options that are technically and economically suitable for a broad spectrum of RF applications and environments.
As a leading solutions provider of RF calibration instruments and compatible RF components, you can rely on Pasternack to
have all of the T&M products you need in-stock and available to ship same-day.
Features
•
Functional from DC to 3 GHz
•
See PE5CK1002 for full standard kit which includes
(7) F Type short-open-load-thru (SOLT) components
•
Suitable for many 75 Ohm network
analyzers including, but not limited to:
•
Agilent / HP (8711/8713/8714, 8753E-
075, E5061A, E5062A, E 5061B)
•
Rohde & Schwarz (R&S ZVL3-75 [9KHz - 3GHz,
Built-in 85039B Calibration Kit Option])
•
Tianda (TD3618C/E)
•
OuFu (OF7631B, OF7633B)
•
Copper Mountain (7530)
•
Deviser (NA7300B, NA7100B)
•
EI41 (AV36580A)
•
PNA (PNA3766)
Applications
•
VNA, Full 2-Port CAL
•
VNA, Thru CAL
•
VNA, Substitution CAL Method
•
Test & Measurement
•
Lab Equipment Accessories
•
Engineering Test and Evaluation
•
General Purpose Test
and Evaluation
Configuration
Connector
F Male
Component Type
Short Circuit
Impedance
75 Ohms
Frequency Range
DC to 3 GHz
Description
Minimum
Typical
Maximum
Units
Frequency Range
MHz
Impedance
Ohm
Phase, DC - 1000 MHz
1°
Nominal
1°
Degrees
Phase, 1001 - 3000 MHz
2°
Nominal
2°
Degrees
Item
Units
Housing
Connector
Connector Screw Thread
Inch
Dimensions
Inch [mm]
Net Weight
g
Description
Electrical Specifications
DC - 3000
75
Mechanical Specifications
Copper Tube
75 Ohm F Type Male
W3/8"-32 UNEF
0.63 [16] ø, 1.626 [41.3] L
47
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Male General Purpose Calibration Kit Component Short Circuit Operating From DC
to 3 GHz PE5SC1005
PE5SC1005
PE5SC1005 REV 1.0
75 Ohm F Male General Purpose Calibration Kit
Component Short Circuit Operating From DC to 3 GHz


Similar Part No. - PE5SC1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC1005 PASTERNACK-PE5SC1005 Datasheet
1Mb / 30P
TECHNICAL DATA SHEET
More results

Similar Description - PE5SC1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC1000 PASTERNACK-PE5SC1000 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC1002 PASTERNACK-PE5SC1002 Datasheet
419Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC1003 PASTERNACK-PE5SC1003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC1004 PASTERNACK-PE5SC1004 Datasheet
419Kb / 4P
75 Ohm F Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 3 GHz
PE5SC2001 PASTERNACK-PE5SC2001 Datasheet
417Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2004 PASTERNACK-PE5SC2004 Datasheet
418Kb / 4P
75 Ohm F Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
PE5SC2005 PASTERNACK-PE5SC2005 Datasheet
419Kb / 4P
75 Ohm F Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
PE5SC1001 PASTERNACK-PE5SC1001 Datasheet
418Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5TR1004 PASTERNACK-PE5TR1004 Datasheet
508Kb / 5P
75 Ohm F Female General Purpose Calibration Kit Component Load Operating From DC to 3 GHz
PE5TR1005 PASTERNACK-PE5TR1005 Datasheet
507Kb / 5P
75 Ohm F Male General Purpose Calibration Kit Component Load Operating From DC to 3 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com