Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5SC3002 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE5SC3002
Description  3.5mm General Purpose Calibration Kit Component
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5SC3002 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE5SC3002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5SC3002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5SC3002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5SC3002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5SC3002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE5SC3002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TECHNICAL DATA SHEET
PE5SC3002
PE5SC3002 REV 1.0
3.5mm General Purpose Calibration Kit Component Thru Operating From DC to 26.5 GHz from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm General Purpose Calibration Kit Component Thru Operating From DC to 26.5 GHz
PE5SC3002
URL: http://www.pasternack.com/50ohm-3.5mm-calibration-kit-component-thru-26.5-ghz-pe5sc3002-p.aspx
3.5mm General Purpose Calibration Kit Component
Thru Operating From DC to 26.5 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com