Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5SC3003 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5SC3003
Description  3.5mm Female General Purpose Calibration Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5SC3003 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5SC3003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5SC3003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5SC3003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5SC3003 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5SC3003 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE5SC3003 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
Pasternack’s PE5SC3003 offers excellent performance characteristics that is specially designed for the fine-tuning
and calibration of sensitive test equipment in engineering labs, production environments, and quality testing facilities.
All of our calibration kits & components are built to withstand years of rigorous use and provide accurate RF equipment
calibration for the life of the product. Pasternack’s broad portfolio of test and measurement components offer users a
variety of options that are technically and economically suitable for a broad spectrum of RF applications and environments.
As a leading solutions provider of RF calibration instruments and compatible RF components, you can rely on Pasternack to
have all of the T&M products you need in-stock and available to ship same-day.
Features
Functional from DC to 8.5 GHz
See PE5CK1001 for full standard kit which includes
(8) 3.5mm short-open-load-thru (SOLT) components
Suitable for many 50 Ohm network
analyzers including, but not limited to:
Agilent / HP (8711/8712, 8713/8714, 8753,
E5061A, E5062A, E5061B, E5071C, E5072A)
Anritsu / Advantest (MS2028S, MS2026S,
MS2025S, MS2024S, MS2038C, MS2036C,
MS2035B, MS2034B, MS4640B, R3755A, R3760)
Copper Mountain (5048, 804, 304, 818, 814)
Deviser (NA7300A, NA7100A)
EI41(AV3656A)
OuFu (OF7631A, OF7633A)
PNA (PNA3766, PNA3767)
Rohde & Schwarz (ZVL, ZVC, ZVB)
Tianda (TD3616C, TD3617E, TD3618C, TD3619C)
Applications
VNA, Full 2-Port CAL
VNA, Thru CAL
VNA, Substitution CAL Method
Test & Measurement
Lab Equipment Accessories
Engineering Test and Evaluation
General Purpose Test
and Evaluation
Configuration
Connector
3.5mm Female
Component Type
Thru
Impedance
50 Ohms
Frequency Range
DC to 8.5 GHz
Description
Minimum
Typical
Maximum
Units
Frequency Range
MHz
Impedance
Ohm
Insertion Loss, DC - 8500 MHz
0.05
0.2
dB
Return Loss, DC - 8500 MHz
30
35
dB
Item
Units
Housing
Connector
Connector Screw Thread
Inch
Dimensions
Inch [mm]
Net Weight
g
Description
Electrical Specifications
DC - 8500
50
Mechanical Specifications
Phosphor Bronze
50 Ohm 3.5mm Female (Both Ends)
1/4"-36 UNS
0.355 [9] ø, 0.662 [16.8] L
2.4
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Female General Purpose Calibration Kit Component Thru Operating From DC to
8.5 GHz PE5SC3003
PE5SC3003
PE5SC3003 REV 1.0
3.5mm Female General Purpose Calibration Kit
Component Thru Operating From DC to 8.5 GHz


Similar Part No. - PE5SC3003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC3000 PASTERNACK-PE5SC3000 Datasheet
581Kb / 6P
3.5mm General Purpose Calibration Kit Component Thru Operating From DC to 26.5 GHz
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3002 PASTERNACK-PE5SC3002 Datasheet
583Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3004 PASTERNACK-PE5SC3004 Datasheet
578Kb / 6P
3.5mm Male General Purpose Calibration Kit Component Thru Operating From DC to 8.5 GHz
PE5SC3005 PASTERNACK-PE5SC3005 Datasheet
581Kb / 6P
75 Ohm F General Purpose Calibration Kit
More results

Similar Description - PE5SC3003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5500-KIT PASTERNACK-PE5500-KIT Datasheet
88Kb / 1P
3.5mm, 26.5 GHz VNA Calibration Kit
PE5SC1000 PASTERNACK-PE5SC1000 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC1002 PASTERNACK-PE5SC1002 Datasheet
419Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC2000 PASTERNACK-PE5SC2000 Datasheet
417Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2002 PASTERNACK-PE5SC2002 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3002 PASTERNACK-PE5SC3002 Datasheet
583Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5TR1000 PASTERNACK-PE5TR1000 Datasheet
490Kb / 5P
3.5mm Female General Purpose Calibration Kit
PE5TR1001 PASTERNACK-PE5TR1001 Datasheet
492Kb / 5P
3.5mm Male General Purpose Calibration Kit
PE5TR1002 PASTERNACK-PE5TR1002 Datasheet
478Kb / 5P
3.5mm Female General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com