Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N60G-TN3-R
Description  N-CHANNEL ENHANCEMENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  1N60G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 1N60G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 1N60G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 1N60G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 1N60G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 1N60G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 1N60G-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1N60-KW
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R205-054.D
■ ABSOLUTE MAXIMUM RATINGS (T
C = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
ID
1
A
Avalanche Energy
Single Pulsed (Note 2)
EAS
23
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
SOT-89
0.69
W
SOT-223
0.8
W
TO-251/TO-252
1.1
W
Power Dissipation
(TA=25°С)
TO-92
PD
0.6
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. L = 46mH, IAS = 1A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 1.2A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-89
180
°С/W
SOT-223
150
°С/W
TO-251/TO-252
110
°С/W
Junction to Ambient
TO-92
θJA
180
°С/W
SOT-89
38
°С/W
SOT-223
14
°С/W
TO-251/TO-252
4.53
°С/W
Junction to Case
TO-92
θJC
88
°С/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com