Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60KG-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N60KG-TN3-R
Description  N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60KG-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N60KG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N60KG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N60KG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N60KG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N60KG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N60KG-TN3-R Datasheet HTML 6Page - Unisonic Technologies 2N60KG-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N60K-TA
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R205-032.B
2A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N60K-TA is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in power
supplies, PWM motor controls, high efficient DC to DC
converters and bridge circuits.
FEATURES
* RDS(ON) < 5.0Ω@ VGS = 10V, ID =1A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2N60KL-TA3-T
2N60KG-TA3-T
TO-220
G
D
S
Tube
2N60KL-TF3-T
2N60KG-TF3-T
TO-220F
G
D
S
Tube
2N60KL-TF1-T
2N60KG-TF1-T
TO-220F1
G
D
S
Tube
2N60KL-TF2-T
2N60KG-TF2-T
TO-220F2
G
D
S
Tube
2N60KL-TF3T-T
2N60KG-TF3T-T
TO-220F3
G
D
S
Tube
2N60KL-TM3-T
2N60KG-TM3-T
TO-251
G
D
S
Tube
2N60KL-TMS-T
2N60KG-TMS-T
TO-251S
G
D
S
Tube
2N60KL-TN3-R
2N60KG-TN3-R
TO-252
G
D
S
Tape Reel
2N60KL-TND-R
2N60KG-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TF1: TO-220F1,
TF2: TO-220F2, TF3T: TO-220F3, TM3: TO-251
TMS: TO-251S, TN3: TO-252, TND: TO-252D
(3) L: Lead Free, G: Halogen Free and Lead Free
2N60KL-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - 2N60KG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60KG-TN3-R UTC-2N60KG-TN3-R Datasheet
226Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
2N60KG-TN3-R UTC-2N60KG-TN3-R Datasheet
253Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 2N60KG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TF202 UTC-TF202_11 Datasheet
212Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123 Datasheet
201Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF202 UTC-TF202_15 Datasheet
208Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF212 UTC-TF212_15 Datasheet
163Kb / 3P
CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123_15 Datasheet
193Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
5N80 UTC-5N80_15 Datasheet
248Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
6N65Z UTC-6N65Z_15 Datasheet
245Kb / 6P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
8N60 UTC-8N60_15 Datasheet
238Kb / 9P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
7N60-R UTC-7N60-R Datasheet
341Kb / 8P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
13N40K-MT UTC-13N40K-MT Datasheet
216Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com