Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N50KG-TND-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N50KG-TND-R
Description  N-CHANNEL JUNCTIN SILICON FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N50KG-TND-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2N50KG-TND-R Datasheet HTML 1Page - Unisonic Technologies 2N50KG-TND-R Datasheet HTML 2Page - Unisonic Technologies 2N50KG-TND-R Datasheet HTML 3Page - Unisonic Technologies 2N50KG-TND-R Datasheet HTML 4Page - Unisonic Technologies 2N50KG-TND-R Datasheet HTML 5Page - Unisonic Technologies 2N50KG-TND-R Datasheet HTML 6Page - Unisonic Technologies 2N50KG-TND-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N50K-TA
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R205-031.A
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous (TC=25°C)
ID
2 (Note 3)
A
Pulsed (Note 2)
IDM
8 (Note 3)
A
Avalanche Current (Note 2)
IAR
2
A
Avalanche Energy
Single Pulsed
EAS
82
mJ
Repetitive (Note 4)
EAR
3.3
mJ
Power Dissipation (TC=25°C)
TO-220
PD
52
W
TO-220F/TO-220F1
TO-220F3
23
TO-220F2
23.2
TO-251/TO-251S
TO-252/TO-252D
50
Derate above 25°C
TO-220
0.43
W/°C
TO-220F/TO-220F1
TO-220F3
0.18
TO-220F2
0.185
TO-251/TO-251S
TO-252/TO-252D
0.4
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. Drain current limited by maximum junction temperature
4. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. L=41mH, IAS=2.0A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
θJA
62.5
°C/W
TO-251/TO-251S
TO-252/TO-252D
110
Junction to Case
TO-220
θJC
2.36
°C/W
TO-220F/TO-220F1
TO-220F3
5.5
TO-220F2
5.4
TO-251/TO-251S
TO-252/TO-252D
2.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com