Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N65KL-TND-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2N65KL-TND-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N65KL-TND-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2N65KL-TND-R Datasheet HTML 1Page - Unisonic Technologies 2N65KL-TND-R Datasheet HTML 2Page - Unisonic Technologies 2N65KL-TND-R Datasheet HTML 3Page - Unisonic Technologies 2N65KL-TND-R Datasheet HTML 4Page - Unisonic Technologies 2N65KL-TND-R Datasheet HTML 5Page - Unisonic Technologies 2N65KL-TND-R Datasheet HTML 6Page - Unisonic Technologies 2N65KL-TND-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N65K-TA
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R205-041.A
ELECTRICAL CHARACTERISTICS (TJ =25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 650V, VGS = 0V
10
μA
Gate-Source Leakage Current
Forward
IGSS
VGS = 30V, VDS = 0V
100
nA
Reverse
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient △BVDSS △
/TJ ID=250μA, Referenced to 25°C
0.4
V/°С
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
3.0
5.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID =1A
5.2
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS =25V, VGS =0V, f =1MHz
200
290
pF
Output Capacitance
COSS
40
45
pF
Reverse Transfer Capacitance
CRSS
14
20
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD (ON)
VDD =30V, ID =0.5A,RG=25Ω
(Note 1, 2)
40
60
ns
Turn-On Rise Time
tR
30
55
ns
Turn-Off Delay Time
tD(OFF)
55
70
ns
Turn-Off Fall Time
tF
22
30
ns
Total Gate Charge
QG
VDS=50V, VGS=1.0V, ID=1.3A
(Note 1, 2)
10
12
nC
Gate-Source Charge
QGS
4
nC
Gate-Drain Charge
QGD
1.2
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, ISD = 2.0 A
1.4
V
Continuous Drain-Source Current
ISD
2.0
A
Pulsed Drain-Source Current
ISM
8.0
A
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com