Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N70KL-TND-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N70KL-TND-R
Description  N-CHANNEL ENHANCEMENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N70KL-TND-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N70KL-TND-R Datasheet HTML 1Page - Unisonic Technologies 2N70KL-TND-R Datasheet HTML 2Page - Unisonic Technologies 2N70KL-TND-R Datasheet HTML 3Page - Unisonic Technologies 2N70KL-TND-R Datasheet HTML 4Page - Unisonic Technologies 2N70KL-TND-R Datasheet HTML 5Page - Unisonic Technologies 2N70KL-TND-R Datasheet HTML 6Page - Unisonic Technologies 2N70KL-TND-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N70K-MT
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R205-008.B
2A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N70K-MT is a high voltage MOSFET designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used at high
speed switching applications in power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) < 5.5Ω@VGS = 10V , ID = 1.0 A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N70KL-TF3-T
2N70KG-TF3-T
TO-220F
G
D
S
Tube
2N70KL-TF1-T
2N70KG-TF1-T
TO-220F1
G
D
S
Tube
2N70KL-TF2-T
2N70KG-TF2-T
TO-220F2
G
D
S
Tube
2N70KL-TF3T-T
2N70KG-TF3T-T
TO-220F3
G
D
S
Tube
2N70KL-TM3-T
2N70KG-TM3-T
TO-251
G
D
S
Tube
2N70KL-TMS-T
2N70KG-TMS-T
TO-251S
G
D
S
Tube
2N70KL-TN3-R
2N70KG-TN3-R
TO-252
G
D
S
Tape Reel
2N70KL-TND-R
2N70KG-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 2N70KL-TND-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N70KL-TN3-R UTC-2N70KL-TN3-R Datasheet
266Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70KL-TN3-R UTC-2N70KL-TN3-R Datasheet
283Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
2N70KL-TN3-T UTC-2N70KL-TN3-T Datasheet
266Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 2N70KL-TND-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2N7000 TRSYS-2N7000 Datasheet
288Kb / 3P
N-CHANNEL-ENHANCEMENT
2N7002LT1 TRSYS-2N7002LT1 Datasheet
343Kb / 4P
N-CHANNEL ENHANCEMENT
logo
Seme LAB
IRFF230 SEME-LAB-IRFF230 Datasheet
42Kb / 2P
N-CHANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
2N4351 NJSEMI-2N4351 Datasheet
142Kb / 1P
N-CHANNEL ENHANCEMENT
logo
Yea Shin Technology Co....
2N7002E YEASHIN-2N7002E Datasheet
999Kb / 4P
N-CHANNEL ENHANCEMENT
logo
Calogic, LLC
3N170 CALOGIC-3N170_15 Datasheet
35Kb / 2P
N-Channel Enhancement
logo
Unisonic Technologies
UT6898 UTC-UT6898_15 Datasheet
214Kb / 5P
N-CHANNEL ENHANCEMENT
1N40A UTC-1N40A Datasheet
183Kb / 5P
N-CHANNEL ENHANCEMENT
1N60-KW UTC-1N60-KW Datasheet
267Kb / 7P
N-CHANNEL ENHANCEMENT
logo
List of Unclassifed Man...
FTP14N50C ETC1-FTP14N50C Datasheet
54Kb / 6P
N-Channel Enhancement
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com