Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N90L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N90L-TN3-R
Description  N-CHANNEL FAST SWITCHING MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N90L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N90L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N90L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N90L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N90L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N90L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N90-E
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R205-007.C
3A, 900V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N90-E provides excellent RDS(ON), low gate charge
and operation with low gate voltages. This device is suitable for
use as a load switch or in PWM applications.
FEATURES
* RDS(ON) < 6.2Ω @ VGS=10V, ID=1.5A
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
RDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
3N90L-TM3-T
3N90G-TM3-T
TO-251
G
D
S
Tube
3N90L-TMS2-T
3N90G-TMS2-T
TO-251S2
G
D
S
Tube
3N90L-TN3-R
3N90G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - 3N90L-TN3-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
3N90L-TN3-R DOINGTER-3N90L-TN3-R Datasheet
834Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 3N90L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF740-E UTC-UF740-E Datasheet
343Kb / 6P
N-CHANNEL FAST SWITCHING MOSFET
UTM6016 UTC-UTM6016 Datasheet
244Kb / 6P
N-CHANNEL FAST SWITCHING MOSFET
UTM6006 UTC-UTM6006 Datasheet
385Kb / 7P
N-CHANNEL FAST SWITCHING MOSFET
logo
uPI Group Inc.
QM2530M7 UPI-QM2530M7 Datasheet
438Kb / 6P
N-Channel 20V Fast Switching MOSFET
QM3002D UPI-QM3002D Datasheet
583Kb / 8P
N-Channel 30V Fast Switching MOSFET
QM3016AM3 UPI-QM3016AM3 Datasheet
568Kb / 8P
N-Channel 30V Fast Switching MOSFET
QN3102M3N UPI-QN3102M3N Datasheet
3Mb / 8P
N-Channel 30V Fast Switching MOSFET
QN3102M6N UPI-QN3102M6N Datasheet
611Kb / 8P
N-Channel 30V Fast Switching MOSFET
QN3108M3N UPI-QN3108M3N Datasheet
1Mb / 8P
N-Channel 30V Fast Switching MOSFET
QN3120M6N UPI-QN3120M6N Datasheet
611Kb / 8P
N-Channel 30V Fast Switching MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com