Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N60KL-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3N60KL-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60KL-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  3N60KL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N60KL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N60KL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N60KL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N60KL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N60KL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N60KL-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3N60K-MT
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R205-044.b
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
3.0
A
Continuous Drain Current
ID
3.0
A
Pulsed Drain Current (Note 2)
IDM
12
A
Single Pulsed (Note 3)
EAS
150
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
7.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
75
W
TO-220F/TO-220F1
TO-220F3
34
W
TO-220F2
35
W
Power Dissipation
TO-251/TO-251S
TO-252/TO-252D
PD
50
W
TO-220
1.67
W/°C
TO-220F/TO-220F1
TO-220F3
0.272
W/°C
TO-220F2
0.28
W/°C
Derate above 25°C
TO-251/TO-251S
TO-252/TO-252D
PD
0.4
W/°C
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ.
3. L=33mH, IAS=3A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
4. ISD≤3.0A, di/dt ≤200A/μs, VDD≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
62.5
°C/W
Junction to Ambient
TO-251/TO-251S
TO-252/TO-252D
θJA
110
°C/W
TO-220
1.67
°C/W
TO-220F/TO-220F1
TO-220F3
3.68
°C/W
TO-220F2
3.58
°C/W
Junction to Case
TO-251/TO-251S
TO-252/TO-252D
θJC
2.5
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com