Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N60KL-TND-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N60KL-TND-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60KL-TND-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N60KL-TND-R Datasheet HTML 1Page - Unisonic Technologies 3N60KL-TND-R Datasheet HTML 2Page - Unisonic Technologies 3N60KL-TND-R Datasheet HTML 3Page - Unisonic Technologies 3N60KL-TND-R Datasheet HTML 4Page - Unisonic Technologies 3N60KL-TND-R Datasheet HTML 5Page - Unisonic Technologies 3N60KL-TND-R Datasheet HTML 6Page - Unisonic Technologies 3N60KL-TND-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N60K-MT
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R205-044.b
3A, 600V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N60K-MT is a high voltage and high current power
MOSFET , designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and have
a high rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in power
supplies, PWM motor controls, high efficient DC to DC converters
and bridge circuits.
FEATURES
* RDS(ON) < 3.2Ω @ VGS = 10 V, ID = 1.5A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
3N60KL-TA3-T
3N60KG-TA3-T
TO-220
G
D
S
Tube
3N60KL-TF3-T
3N60KG-TF3-T
TO-220F
G
D
S
Tube
3N60KL-TF1-T
3N60KG-TF1-T
TO-220F1
G
D
S
Tube
3N60KL-TF2-T
3N60KG-TF2-T
TO-220F2
G
D
S
Tube
3N60KL-TF3T-T
3N60KG-TF3T-T
TO-220F3
G
D
S
Tube
3N60KL-TM3-T
3N60KG-TM3-T
TO-251
G
D
S
Tube
3N60KL-TMS-T
3N60KG-TMS-T
TO-251S
G
D
S
Tube
3N60KL-TN3-R
3N60KG-TN3-R
TO-252
G
D
S
Tape Reel
3N60KL-TND-R
3N60KG-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TF1: TO-220F1,
TF2: TO-220F2, TF3T: TO-220F3, TM3: TO-251,
TMS: TO-251S, TN3: TO-252, TND: TO-252D
(3) L: Lead Free, G: Halogen Free and Lead Free
3N60KL-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - 3N60KL-TND-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60KL-TND-R UTC-3N60KL-TND-R Datasheet
255Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
More results

Similar Description - 3N60KL-TND-R

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com