Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12P10L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 12P10L-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12P10L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  12P10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 12P10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 12P10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 12P10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 12P10L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 12P10L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 12P10L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
12P10
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-262.G
9.4A, 100V P-CHANNEL
POWER MOSFET
DESCRIPTION
The 12P10 uses advanced proprietary, planar stripe, DMOS
technology to provide excellent RDS(ON), low gate charge and
operation with low gate voltages. This device is suitable to be
used in low voltage applications such as audio amplifier, high
efficiency switching DC/DC converters, and DC motor control.
FEATURES
* RDS(ON) < 0.29Ω @VGS = -10V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
12P10L-AA3-R
12P10G-AA3-R
SOT-223
G
D
S
-
-
-
-
-
Tape Reel
12P10L-TM3-T
12P10G-TM3-T
TO-251
G
D
S
-
-
-
-
-
Tube
12P10L-TMS-T
12P10G-TMS-T
TO-251S
G
D
S
-
-
-
-
-
Tube
12P10L-TN3-R
12P10G-TN3-R
TO-252
G
D
S
-
-
-
-
-
Tape Reel
12P10L-TND-R
12P10G-TND-R
TO-252D
G
D
S
-
-
-
-
-
Tape Reel
12P10L-TQ2-R
12P10G-TQ2-R
TO-263
G
D
S
-
-
-
-
-
Tape Reel
12P10L-TQ2-T
12P10G-TQ2-T
TO-263
G
D
S
-
-
-
-
-
Tube
12P10L-S08-R
12P10G-S08-R
SOP-8
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain S: Source


Similar Part No. - 12P10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12P10L-TN3-R UTC-12P10L-TN3-R Datasheet
256Kb / 7P
100V P-CHANNEL MOSFET
12P10L-TN3-R UTC-12P10L-TN3-R Datasheet
270Kb / 6P
9.4A, 100V P-CHANNEL POWER MOSFET
More results

Similar Description - 12P10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com