Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15N25L-TF1-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 15N25L-TF1-R
Description  N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N25L-TF1-R Datasheet(HTML) 2 Page - Unisonic Technologies

  15N25L-TF1-R Datasheet HTML 1Page - Unisonic Technologies 15N25L-TF1-R Datasheet HTML 2Page - Unisonic Technologies 15N25L-TF1-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15N25-P
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-A24.a
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
250
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
Continuous
ID
15
A
Pulsed
IDM
60
A
Single Pulsed Avalanche Current
IAS
15
A
Single Pulsed Avalanche Energy
EAS
340
mJ
Power Dissipation
PD
83
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
110
°C/W
Junction to Case
θJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
250
V
Drain-Source Leakage Current
IDSS
VDS=250V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=7.5A
0.18 0.25
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
830 1080 pF
Output Capacitance
COSS
200 260
pF
Reverse Transfer Capacitance
CRSS
25
33
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDD=120V, ID=18A
33
40
nC
Gate to Source Charge
QGS
6
nC
Gate to Drain Charge
QGD
6.7
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=1A, RG=25Ω,
VGS=10V, RL=30 Ω
23
35
ns
Rise Time
tR
50
74
ns
Turn-OFF Delay Time
tD(OFF)
314 332
ns
Fall-Time
tF
89
97
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous
Current
IS
15
A
Maximum Body-Diode Pulsed Current
ISM
60
A
Drain-Source Diode Forward Voltage
VSD
IS=15A, VGS=0V
1.5
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com